PART |
Description |
Maker |
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
DS4302Z-019 DS4302Z-020 DS4302 DS4302U-019 DS4302U |
2-Wire, 5-Bit DAC with Three Digital Outputs 2-Wire 5-Bit DAC with Three Digital Outputs
|
MAXIM[Maxim Integrated Products]
|
LPC2378 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC 单芯6-bit/32-bit微控制器12的ISP /国际检察官联合会,以太网,USB 2.0,CAN10 kB闪存位的ADC / DAC
|
NXP Semiconductors N.V.
|
AD5532HS AD5532HSABC |
32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface 32-Channel 14-Bit DAC with High Speed 3-Wire Serial Interface
|
Analog Devices, Inc. AD[Analog Devices]
|
AD5311ARM-REEL |
2.5 V to 5.5 V 120 µA 2 Wire Interface Voltage Output 10-Bit DAC
|
Analog Devices
|
MAX5109EEE-T |
Nonvolatile, Dual, 8-Bit DACs with 2-Wire Serial Interface SERIAL INPUT LOADING, 8 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX5811 MAX5811LEUT-T MAX5811MEUT-T MAX5811NEUT-T |
"10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC" 10-Bit Low-Power 2-Wire Interface Serial Voltage-Output DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|